Part Number Hot Search : 
C25005 2SK18 SMBJ36A WTL1232 EM78P MB251 BSP10TA5 203D6
Product Description
Full Text Search
 

To Download MIC-5333N-P02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? two 8-core intel ? xeon ? e5 series processors ? intel ? communications chipset 89xx series ? eight ddr3 vlp dimms with ecc support ? up to four 40gbasekr4 ports on fabric interface to support dual-dual star topology ? other fabric confgurations supported via two fabric mezzanine sites (type i) ? two 10/100/1000base-t front panel ports ? one fabric mezzanine module (type ii) for optional front io or additional acceleration ? fully managed, hot swappable rtm with 36 pcie gen.3 lanes mic-5333 advancedtca, dual socket cpu blade with intel ? xeon ? e5 series processors, dual-dual 40g fabric interface and acceleration support introduction advantechs mic-5333 is a 40g dual processor atca blade based on the intel ? platform for communications infrastructure, formerly codenamed "crystal forest". it enables the highest network and packet processing performance available in atca form factor with up to 16 cores and 32 threads of processing power, scalable offoad based on intel ? quickassist technology and support for up to four 40g fabric ports. fast pci express gen. 3 technology running at up to 8gbps per lane and best in class virtualization support combined with superior thermal design make it ideal for high performance applications and workload consolidation on intel ? architecture. two qpi interfaces between the cpus improve memory and i/o access throughput and latencies when one processor needs to access resources hosted by the other socket. with four ddr3 dimms per socket in a quad channel design running up to 1600mt/s, the mic-5333 not only offers superior memory bandwidth over 3-channel designs, but can also support memory densities up 256gb using latest lr dimm technology. it outperforms previous generation dual socket designs while keeping similar thermal characteristics with balanced airfow resistance. fabric connectivity is implemented using up to two fmm type i sites, each site connecting to two backplane fabric channels. this allows the mic-5333 to scale from legacy 10ge to high speed 40ge network interfaces as well as optional dual dual star support for the most demanding applications in high end data and enterprise networking utilizing 4 hub blades per system. a variety of standard fmms can be used to implement 10gbasekx4,multiple 10gbasekr & 40gbasekr4 interfaces. beyond that, a fabric mezzanine module type ii socket with pcie x8 connectivity provides extension possibilities for additional front port i/o, offoad and acceleration controllers such as the intel ? communications chipset 89xx series, ipsec offoad engines or customer specifc logic. fmms have higher pci express bandwidth than amcs, and integrate better in terms of thermal design, cost and board real estate. moreover, fmms can be reused on rtms and across different blade designs. this unmatched fexibility combined with the highest performance intel ? xeons available make the mic-5333 equally well suited for application and data plane workloads. the onboard ipmi frmware based on advantechs ipmi core offer greater modularity and fexibility for the customization of system management features, and provides the framework for added value features enhancing reliability, availability, serviceability, usability and manageability (rasum) of the product. hpm.1 based updates are available for all programmable components (bios, bios settings, ipmc frmware, fpga) including rollback support. advantechs ipmi solution, combined with an optimized uefi bios continues to offer advanced features used on previous generation mic-532x blades, such as dynamic power budgeting, bios redundancy, real time clock synchronization, cmos backup, cmos override and mac mirroring. advantech ipmi frmware has been tested for cp-ta compliance using the polaris networks atca test suite and against a variety of advancedtca shelf management solutions. the mic-5333 connects 36 pcie gen.3 lanes to the zone 3 interface for a maximum of io bandwidth to hot-swappable rtms such as the rtm-5104, supporting rear i/o connectivity and an optional fmm (fabric mezzanine module). please contact advantech for more information on available rtms. on-board fpga design facilitates customer-specifc modifcations and the core board design can be modifed or adapted to other form factors through advantechs dms customization services. fmm site for 40gb/10gb fabric interface fmm site for i/o extension two 10/100/1000base-t ports user/status leds mini-usb console port rj-45 console port two usb ports eight ddr3 vlp dimms double size fmm (1 fmm-5001q) single size fmms (fmm-5004m) dual mo-297 ssd 2 sfp+ output (fmm-5001f) preliminary rohs compliant 2002/95/ec all product specifications are subject to change without notice last updated : 19-oct-2012
www.advantech.com/products online download specifcations processor system cpu dual intel ? xeon ? e5 series processors* max. speed e5-2648l: 1.8 ghz (tdp 70w, 8 cores/16 threads, 20m l3 cache) e5-2658: 2.1 ghz (tdp 95w, 8 cores/16 threads, 20m l3 cache) chipset intel ? communications chipset 89xx series bios redundant 64-mbit bios frmware fashes with ami uefi based bios qpi 8.0 gt/s memory technology four channel ddr3 1066/1333/1600mhz sdram (72-bit ecc un-/ registered), lr dimm support max. capacity confgurable up to 256 gb socket 8 vlp dimms zone 2 fabric interface 4/8 x 10gbasekr with dual star backplane topology supported ( via fmm-5001q) 2/4 x 40gbasekr4 with dual / dual-dual start backplane topology supported (via fmm-5004m/5004mm) base interface i350 quad gbe mac/phy supporting two 10/100/1000base-t ports front i/o interface serial (com) 2 x 16c550 compatible serial ports (1 rj-45 connector, 1 mini-usb connector) ethernet 2 x 10/100/1000base-t through pcie based i350 usb 2.0 2 x type a ports operating system compatibility windriver linux, redhat enterprise, centos6.1, windows server 2008 ipmc bmc controller nxp lpc1768 (cortex m3) ipmi compliant with ipmi 2.0using advantech ipmi code base watchdog timer supervision 1 for x86 bios post, os boot, application interval ipmi compliant fmm site 1 fmm type ii socket, 2 fmm type i sockets interface fmm type i: 2 x pcie x8 from cpu sockets 0 and 1 fmm type ii: one pciex8 from cpu socket 1 miscellaneous storage 2 x mo-297 ssd real time clock built-in power requirement confguration 2x e5-2658 (tdp 95w),8 x ddr3 1600 8gb vlp memory, fmm-5001q (quad i82599 for fi) , fmm-5001f (single i82599, with 2x sfp+ output to front panel) consumption input voltage: -48v / 274w (preliminary) input voltage: -60v / 279w (preliminary) zone 3 (rtm) rtm advantech common rtm interface type 2 interface 2 x pciex16, 1 x pciex4, 2 x usb, 1 x uart, , 1 x com physical characteristics dimensions (w x d) 6hp, 322.25 x 280.00 mm (12.69" x 11.02") (pcb size) weight 3.275 kg environment operating non-operating temperature 0 ~ 55 c (32 ~ 131 f) -40 ~ 70 c (-40 ~ 158 f) humidity 5 to 93% @ 40 c (non condensing) 95% @ 40 c (non-condensing) shock 4 g each axis 20 g each axis vibration (5 ~ 500 hz) 0.5 grms 2.16 grms, 30 mins each axis compliance environment etsi en300019-2-1 class1.2, en300019-2-2 class 2.3, etsi en300019-2-3 class 3.1e designed to meet gr63-core picmg 3.0 r3.0, 3.1 r1.0, hpm.1 emc fcc47 cfr part15, class a, ce mark (en55022/en55024/en300386) designed to meet gr1089-core *note. mic-5333 will be compliant to picmg3.1r2.0 when released. mic-5333 ordering information part number description mic-5333n-p01 with dual 8c/16t 70w (e5-2648l) cpus and fmm- 5001q for four 10gbase kr fi interface, no memory, no mo-297 ssd MIC-5333N-P02 with dual 8c/16t 95w (e5-2658) cpus and fmm- 5001q for four 10gbase kr fi interface, no memory, no mo-297 ssd mic-5333m-p01 with dual 8c/16t 70w (e5-2648l) cpus and fmm- 5004m for 40gbasekr4 fi interface, no memory, no mo-297 ssd mic-5333m-p02 with dual 8c/16t 95w (e5-2658) cpus and fmm- 5004m for 40gbasekr4 fi interface, no memory, no mo-297 ssd contact advantech for information on available and future rtms and fmms.


▲Up To Search▲   

 
Price & Availability of MIC-5333N-P02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X